Part Number Hot Search : 
2SD128 BAS19 1N4007 N4210 4ALVCH16 CY37192 NMR118C 2DF5VSA
Product Description
Full Text Search
 

To Download CGY887B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
handbook, halfpage
M3D252
CGY887B 860 MHz, 27.8 dB gain push-pull amplifier
Product specification 2001 Nov 27
Philips Semiconductors
Product specification
860 MHz, 27.8 dB gain push-pull amplifier
FEATURES * Excellent linearity * High gain * Extremely low noise * Excellent return loss properties * Rugged construction * Gold metallization ensures excellent reliability. APPLICATIONS * CATV systems operating in the 40 to 870 MHz frequency range. DESCRIPTION
Side view
handbook, halfpage
CGY887B
PINNING - SOT115J PIN 1 2, 3 5 7, 8 9 input common +VB common output DESCRIPTION
1
2
3
5
7
8
9
MSA319
Hybrid dynamic range amplifier module in a SOT115J package operating at a voltage supply of 24 V (DC), employing both GaAs and Si dies.
Fig.1 Simplified outline.
QUICK REFERENCE DATA SYMBOL Gp Itot power gain total current consumption (DC) PARAMETER CONDITIONS f = 45 MHz f = 870 MHz VB = 24 V MIN. 27.2 28 295 MAX. 27.8 29 325 UNIT dB dB mA
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VB Vi Tstg Tmb supply voltage RF input voltage (single tone) storage temperature operating mounting base temperature PARAMETER - - -40 -20 MIN. MAX. 30 70 +100 +100 V dBmV C C UNIT
2001 Nov 27
2
Philips Semiconductors
Product specification
860 MHz, 27.8 dB gain push-pull amplifier
CHARACTERISTICS Bandwidth 45 to 870 MHz; VB = 24 V; Tmb = 35 C; ZS = ZL = 75 . SYMBOL Gp SL FL PARAMETER power gain slope straight line flatness straight line f = 45 MHz f = 870 MHz f = 45 to 870 MHz f = 45 to 100 MHz f = 100 to 800 MHz f = 800 to 870 MHz s11 input return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 550 MHz f = 550 to 650 MHz f = 650 to 750 MHz f = 750 to 870 MHz f = 870 to 914 MHz s22 output return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 550 MHz f = 550 to 650 MHz f = 650 to 750 MHz f = 750 to 870 MHz f = 870 to 914 MHz s21 CTB Xmod CSO NF phase response composite triple beat cross modulation composite second order distortion noise figure f = 50 MHz 79 chs flat; Vo = 44 dBmV; fm = 331.25 MHz 132 chs flat; Vo = 44 dBmV; fm = 445.25 MHz 79 chs flat; Vo = 44 dBmV; fm = 55.25 MHz 132 chs flat; Vo = 44 dBmV; fm = 55.25 MHz 79 chs flat; Vo = 44 dBmV; fm = 54.0 MHz 132 chs flat; Vo = 44 dBmV; fm = 860.5 MHz f = 50 MHz f = 550 MHz f = 750 MHz f = 870 MHz d2 second order distortion note 1 note 2 CONDITIONS MIN. 27.2 28 0.5 -0.25 -0.5 -0.4 24 22 19 18 17 16 14 12 23 22 18 17 17 17 14 12 -45 - - - - - - - - - - - - TYP. 27.5 28.5 1 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
CGY887B
MAX. 27.8 29 1.5 +0.25 +0.5 +0.1 - - - - - - - - - - - - - - - - +45 -63.5 -57.5 -57 -51 -64 -58 5 5 5 5 -60 -57
UNIT dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB deg dB dB dB dB dB dB dB dB dB dB dB dB
2001 Nov 27
3
Philips Semiconductors
Product specification
860 MHz, 27.8 dB gain push-pull amplifier
CGY887B
SYMBOL Vo Itot Notes
PARAMETER output voltage total current consumption (DC)
CONDITIONS dim = -60 dB; note 3 dim = -60 dB; note 4 note 5
MIN. 66 64 295
TYP. - - 310
MAX. - - 325
UNIT dBmV dBmV mA
1. fp = 55.25 MHz; Vp = 60 dBmV; fq = 493.25 MHz; Vq = 60 dBmV; measured at fp + fq = 548.5 MHz. 2. fp = 55.25 MHz; Vp = 60 dBmV; fq = 805.25 MHz; Vq = 60 dBmV; measured at fp + fq = 860.5 MHz. 3. Measured according to DIN45004B: fp = 540.25 MHz; Vp = Vo; fq = 547.25 MHz; Vq = Vo -6 dB; fr = 549.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 538.25 MHz. 4. Measured according to DIN45004B: fp = 851.25 MHz; Vp = Vo; fq = 858.25 MHz; Vq = Vo -6 dB; fr = 860.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 849.25 MHz. 5. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
2001 Nov 27
4
Philips Semiconductors
Product specification
860 MHz, 27.8 dB gain push-pull amplifier
PACKAGE OUTLINE Rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
CGY887B
SOT115J
D E Z p
A2 1 A L F S W d U2 B yMB p Q e e1 q2 q1 yMB yMB b wM 2 3 5 7 8 9
c
U1
q
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT A2 A max. max. 9.1 b c d D E max. max. max. e e1 F L min. 8.8 p 4.15 3.85 Q max. 2.4 q q1 q2 S U1 U2 max. 8 W w y 0.1 Z max. 3.8
mm 20.8
0.51 0.25 27.2 2.54 13.75 2.54 5.08 12.7 0.38
38.1 25.4 10.2
4.2 44.75
6-32 0.25 UNC
OUTLINE VERSION SOT115J
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-02-06
2001 Nov 27
5
Philips Semiconductors
Product specification
860 MHz, 27.8 dB gain push-pull amplifier
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
CGY887B
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
CAUTION This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
2001 Nov 27
6
Philips Semiconductors
Product specification
860 MHz, 27.8 dB gain push-pull amplifier
NOTES
CGY887B
2001 Nov 27
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613518/01/pp8
Date of release: 2001
Nov 27
Document order number:
9397 750 08361


▲Up To Search▲   

 
Price & Availability of CGY887B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X